PART |
Description |
Maker |
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
S7DB-10E100 S7DB-10E50H S7DB-10E500 S7DB-10E18H S7 |
NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 18 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 非隔离式DC / DC转换.5V - 13.2V的输 1.0V 5.0V输出/ 10A
|
Bel Fuse, Inc.
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
MIW3047 MIW3000 MIW3011 MIW3012 MIW3013 MIW3014 MI |
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters From old datasheet system RESISTOR 4.3 OHM .5W CARB COMP 5 - 6W,宽输入范围下滑,单 5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters 5 - 6W,宽输入范围下滑,单
|
etc MINMAX[Minmax Technology Co., Ltd.] TOTAL-POWER[Total Power International] Electronic Theatre Controls, Inc.
|
ZUS1R52405 ZUS62405 ZUS32412 |
DC-DC Converters PCB Mount type Rated input 5V, 12V, 24V or 48V DC Io=100%. 20max (Minimum input, Io=100%)
|
List of Unclassifed Manufacturers
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
MHP10-48S05 MHP10-24S3V3 MHP10-12S3V3 |
Single and dual output 10 Watt Wide input DC/DC converters 单和双输10瓦特宽输入DC / DC转换 Single and dual output 10 Watt Wide input DC/DC converters 单和双输0瓦特宽输入DC / DC转换
|
ITT, Corp.
|
MHV2805SF_883 MHV2812SF_883 MHV283R3S MHV283R3SF_8 |
DC/DC CONVERTERS 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
MHF2805SF_883 MHF283R3S MHF283R3SF_883 MHF285R2SF_ |
DC/DC CONVERTERS 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
HR151-1205 HR151-1212 HR151-1215 HR151-2805 HR153- |
DC/DC CONVERTERS 12 & 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
HSH1205D HSH1205D_ES HSH1205S_ES HSH1205S/ES HSH12 |
DC/DC CONVERTERS 12 VOLT INPUT
|
Interpoint Corporation Company
|